Part Number Hot Search : 
0040BPSL C8105 17N60 103K00 DKI04035 SSF3056C PJQ5460A A1203
Product Description
Full Text Search
 

To Download BA892V-04W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA892V-04W
Vishay Semiconductors
Band Switching Diodes - Dual, Series in SOT-323
Description
The main purpose of the BA892V-04W is the Band Switching. Biased with a DC forward current for signals at frequencies over 100 MHz up to 3 GHz this diode behaves like a current controlled resistor and not as a diode any more. Depending on the forward current the forward resistance rf can be switched far below 1 , so that the Switch is closed. To open the Switch, the BA892V-04W has to be driven in the reverse mode where the BA892V-04W behaves like a small capacitor with high isolation. So typical applications for this Band Switching Diode are mobile and TV-applications.
2 1
3
1
2
18379
3
Applications
Band switching up to 3 GHz Low loss band-switching in TV/VTR tuners
Features
* * * * Low forward resistance Small reverse capacitance Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Data
e3
Case: SOT-323 Plastic case Weight: approx. 6.0 mg Packaging Codes/Options: GS08 / 3 k per 7" reel (8 mm tape), 3 k/box
Parts Table
Part BA892V-04W Ordering code BA892V-04W-GS08 AW4 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Forward current Junction temperature Storage temperature range Test condition Symbol VR IF Tj Tstg Value 35 100 150 -55 to +150 Unit V mA C C
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction soldering point Test condition Symbol RthJS Value 100 Unit K/W
Document Number 85649 Rev. 1.2, 24-Jun-05
www.vishay.com 1
BA892V-04W
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Reverse current Forward voltage Diode capacitance Test condition IR = 10 A VR = 20 V IF = 100 mA f = 1 MHz, VR = 0 f = 1 MHz, VR = 1 V f = 1 MHz, VR = 3 V Forward resistance f = 100 MHz, IF = 1 mA f = 100 MHz, IF = 3 mA f = 100 MHz, IF = 10 mA Charge carrier life time IF = 10 mA, IR = 6 mA, iR = 3 mA Symbol VR IR VF CD CD CD rf rf rf trr 1.1 0.9 0.85 0.6 0.45 0.34 90 0.7 0.5 1.2 1.1 Min 35 20 1.1 Typ. Max Unit V nA V pF pF pF ns
Typical Characteristics (Tamb = 25 C unless otherwise specified)
100.00
I F - Forward Current ( mA )
10.00
1.00
0.10
0.01 0.5
0.6
0.7
0.8
0.9
1.0
IF - Forward Current (mA)
Figure 1. Forward Resistance vs. Forward Current
18324
VF - Forward Voltage ( V )
Figure 3. Forward Current vs. Forward Voltage
1.2
CD - Diode Capacitance ( pF )
70 f = 1 MHz
VR - Reverse Voltage ( V )
1.0 0.8 0.6 0.4 0.2 0.0 0 4 8 12 16 20 24 28
60 50 40 30 20 10 0 0.01
0.1
1.0
10
100
1000
18332
VR - Reverse V oltage (V)
18328
IR - Reverse Current ( A )
Figure 2. Diode Capacitance vs. Reverse Voltage
Figure 4. Reverse Voltage vs. Reverse Current
www.vishay.com 2
Document Number 85649 Rev. 1.2, 24-Jun-05
BA892V-04W
Vishay Semiconductors
12 10
I F - Forward Current ( mA )
8 6 4 2 0 -2 -4 -6 -8 -50 0 50
IF = 10 mA IR = 6 mA i rr = 3 mA
100
150
200
18336
Recovery Time ( ns )
Figure 5. Typical Charge Recovery Curve
Package Dimensions in mm (Inches)
0.10 (0.004)
1.00 (0.039)
0.10 (0.004)
SO Method E
10
Mounting Pad Layout
2.05 (0.080) 0.39 (0.015)
0.9 (0.035)
1.25 (0.049) 2.00 (0.078)
2.0 (0.079)
0.30 (0.012) 1.3 (0.051)
0.95 (0.37)
0.95 (0.037)
96 12236
Document Number 85649 Rev. 1.2, 24-Jun-05
www.vishay.com 3
BA892V-04W
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85649 Rev. 1.2, 24-Jun-05
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BA892V-04W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X